Part Number Hot Search : 
B7749 S1200 ST2001H 2EMS8 RF201 F3048 2N36342 F9Z34
Product Description
Full Text Search
 

To Download TCBZX85C7V5 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 TAK CHEONG
(R) SEM IC O N DU C TO R
1.3 Watt DO-41 Hermetically
Sealed Glass Zener Voltage Regulators
AXIAL LEAD DO41
Absolute Maximum Ratings
Parameter Power Dissipation Storage Temperature Range Operating Junction Temperature
TA = 25C unless otherwise noted Value 1.3 -65 to +200 +200 Units W C C
DEVICE MARKING DIAGRAM
L 85C xxx
L : Logo Device Code : TCBZX85C3V3
These ratings are limiting values above which the serviceability of the diode may be impaired.
Specification Features:
Zener Voltage Range 3.3 to 56 Volts DO-41 Package (JEDEC) Through-Hole Device Type Mounting Hermetically Sealed Glass Compression Bonded Construction All External Surfaces Are Corrosion Resistant And Leads Are Readily Solderable RoHS Compliant Solder Hot Dip Tin (Sn) Terminal Finish Cathode Indicated By Polarity Band
ELECTRICAL SYMBOL Cathode Anode
Electrical Characteristics
Device Type TCBZX85C 3V3 TCBZX85C 3V6 TCBZX85C 3V9 TCBZX85C 4V3 TCBZX85C 4V7 TCBZX85C 5V1 TCBZX85C 5V6 TCBZX85C 6V2 TCBZX85C 6V8 TCBZX85C 7V5 TCBZX85C 8V2 TCBZX85C 9V1 TCBZX85C 10 TCBZX85C 11 TCBZX85C 12 TCBZX85C 13 VZ @ IZT (Volts) VZ Min 3.1 3.4 3.7 4.0 4.4 4.8 5.2 5.8 6.4 7.0 7.7 8.5 9.4 10.4 11.4 12.4 VZ Max 3.5 3.8 4.1 4.6 5.0 5.4 6.0 6.6 7.2 7.9 8.7 9.6 10.6 11.6 12.7 14.1
TA = 25C unless otherwise noted IZT (mA) 80 60 60 50 45 45 45 35 35 35 25 25 25 20 20 20 ZZT @ IZT () Max 20 20 15 13 13 10 7 4 3.5 3 5 5 7 8 9 10 IZK (mA) 1 1 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 0.5 0.5 0.5 ZZK @ IZK () Max 400 500 500 500 500 500 400 300 300 200 200 200 200 300 350 400 IR @ VR (A) Max 40 20 20 3 3 1 1 1 1 1 1 1 0.5 0.5 0.5 0.5 VR (Volts) 1 1 1 1 1 1.5 2 3 4 4.5 6.2 6.9 7.5 8.2 9.1 10
Number: DB-030 August 2008 / D Page 1
TCBZX85C3V3 through TCBZX85C56
TAK CHEONG
Electrical Characteristics
Device Type TCBZX85C 15 TCBZX85C 16 TCBZX85C 18 TCBZX85C 20 TCBZX85C 22 TCBZX85C 24 TCBZX85C 27 TCBZX85C 30 TCBZX85C 33 TCBZX85C 36 TCBZX85C 39 TCBZX85C 43 TCBZX85C 47 TCBZX85C 51 TCBZX85C 56 VZ @ IZT (Volts) VZ VZ Min Max 13.8 15.3 16.8 18.8 20.8 22.8 25.1 28 31 34 37 40 44 48 52 15.6 17.1 19.1 21.2 23.3 25.6 28.9 32 35 38 41 46 50 54 60
(R) SEM IC O N DU C TO R
TA = 25C unless otherwise noted IZT (mA) 15 15 15 10 10 10 8 8 8 8 6 6 4 4 4 ZZT @ IZT () Max 15 15 20 24 25 25 30 30 35 40 45 50 90 115 120 IZK (mA) 0.5 0.5 0.5 0.5 0.5 0.5 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 0.25 ZZK @ IZK () Max 500 500 500 600 600 600 750 1000 1000 1000 1000 1000 1500 1500 2000 IR @ VR (A) Max 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 0.5 VR (Volts) 11 12 13 15 16 18 20 22 24 25 27 30 33 36 39
VF Forward Voltage = 1.2 V Maximum @ IF = 200 mA for all types Notes: 1. TOLERANCE AND TYPE NUMBER DESIGNATION (VZ) The type numbers listed have zener voltage min/max limits as shown. 2. SPECIALS AVAILABLE INCLUDE Nominal zener voltages between the voltages shown and tighter voltage, for detailed information on price, availability and delivery, contact you nearest Tak Cheong representative. 3. ZENER VOLTAGE (VZ) MEASUREMENT The zener voltage (VZ) is tested under pulse conditions such that TJ is no more than 2 above TA. 4. ZENER IMPEDANCE (ZZ) DERIVATION The zener impedance is derived from the 60 cycle AC voltage, which results when an AC current having an RMS value equal to 10% of the DC zener current (IZT or IZK) is superimposed on IZT or IZK.
Number: DB-030 August 2008 / D Page 2
TAK CHEONG
Typical Characteristics
1.0
(R) SEM IC O N DU C TO R
1000
PD-Power Passipation [W]
0.9 0.8 0.7 0.6 0.5 0.4 0.3 0.2 0.1 0.0 0 20 40 60 80 100 120 140 160 180 200
Total Capacitance [pF]
VR = 0V VR = 2V VR = 5V
f = 1MHz Ta = 25
100
VR = 20V
10
VR = 30V
1 0 5 10 15 20 25 30 35 40 45 50 55 60
Temperature []
Figure 1. Power Dissipation vs Ambient Temperature
Valid provided leads at a distance of 0.8mm from case are kept at ambient temperature
VZ - Reverse Voltage [V]
Figure 2. Total Capacitance
Differential Zener Impedance []
1000
Iz=1mA
1000
Iz=2mA Iz=5mA Iz=10mA
Ta = 25
Forward Current [mA] 100
Ta = 25
100
10
10
1
1
0.1 0 10 20 30 40 VZ - Reverse Voltage [V] 50 60
0.1 0 0.2 0.4 0.6 0.8 VF - Forw ard Voltage [V] 1 1.2
Figure 3. Differential Impedance vs. Zener Voltage
Figure 4. Forward Current vs. Forward Voltage
1000
100
Reverse Current [mA]
Reverse Current [mA]
100
10 PD=500mW Ta = 25 1
10
PD=500mW Ta = 25
1
0.1
0.1 0 3 6 9 VZ - Reverse Voltage [V] 12 15
0.01 10 20 30 40 50 VZ - Reverse Voltage [V] 60 70
Figure 5. Reverse Current vs. Reverse Voltage
Figure 6. Reverse Current vs. Reverse Voltage
Number: DB-030 August 2008 / D Page 3
TAK CHEONG
Package Outline
Package
(R) SEM IC O N DU C TO R
Case Outline
D0-41 DO-41 DIM
Min
Millimeters
Max Min
Inches
Max
A B C D
0.72
0.86
0.028
0.034
4.07
5.20
0.160
0.205
25.40
---
1.000
---
2.04
2.71
0.080
0.107
Notes: 1. 2. All dimensions are within JEDEC standard. DO41 polarity denoted by cathode band.
Number: DB-030 August 2008 / D Page 4
TAK CHEONG
(R)
DISC LA I MER NOTIC E
NOTICE
The information presented in this document is for reference only. Tak Cheong reserves the right to make changes without notice for the specification of the products displayed herein. The product listed herein is designed to be used with ordinary electronic equipment or devices, and not designed to be used with equipment or devices which require high level of reliability and the malfunction of with would directly endanger human life (such as medical instruments, transportation equipment, aerospace machinery, nuclear-reactor controllers, fuel controllers and other safety devices), Tak Cheong Semiconductor Co., Ltd., or anyone on its behalf, assumes no responsibility or liability for any damagers resulting from such improper use of sale. This publication supersedes & replaces all information reviously supplied. For additional information, please visit our website http://www.takcheong.com, or consult your nearest Tak Cheong's sales office for further assistance.
Number: DB-100 April 14, 2008 / A


▲Up To Search▲   

 
Price & Availability of TCBZX85C7V5

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X